Part Number Hot Search : 
0M100 S9504 05A19 A102E TF201 0M0000 KAL250 AM5460N
Product Description
Full Text Search
 

To Download NRE-SW330M16V63X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-sw series super-miniature, radial leads, polarized features ? high performance in low profile (7mm) height ? good 100khz performance characteristics ? wide temperature -55 to + 105 o c characteristics lead spacing & diameter (mm) size (d ? xl) tape and box* nre-sw 100 m 35v 5x5 series tb capacitance code tolerance code rated voltage rohs compliant f part number system *see tape speci cation for details precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 6.3 ~ 50vdc capacitance range 1.0 ~ 330 f operating temperature range -55c ~ +105c capacitance tolerance 20% (m) maximum leakage current after 1 minutes .01cv or 3 a whichever is greater max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 tan at 120hz 0.24 0.21 0.18 0.14 0.12 0.10 low temperature stability impedance ratio @ 120hz z-40c/z+20c 4 3 2 2 2 2 z-55c/z+20c 6 5 4 3 3 3 load life test 1,000 @ 105c capacitance within 25% of initial measured value tan less than 200% of speci ed value lc less than speci ed value cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 1.0 1r0 - - - - - 4x7 2.2 2r2 - - - - - 4x7 3.3 3r3 - - - - - 4x7 4.7 4r7 - - - 4x7 4x7 5x7 10 100 - - 4x7 5x7 5x7 6.3x7 22 220 4x7 5x7 5x7 6.3x7 6.3x7 6.3x7 33 330 5x7 5x7 6.3x7 6.3x7 6.3x7 6.3x7 47 470 5x7 6.3x7 6.3x7 6.3x7 6.3x7 6.3x7 100 101 6.3x7 6.3x7 6.3x7 6.3x7 6.3x7 - 220 221 6.3x7 6.3x7 6.3x7 - - - 330 331 6.3x7 - - - - - case dia. (d ) 4 5 6.3 lead dia. (d ) 0.45 0.45 0.45 lead spacing (f) 1.5 2.0 2.5 dim. 0.5 dim. 1.0 standard product and case size table d xl (mm) *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-sw series ripple current correction factors frequency (hz) 120 1k 10k <100k 4x7 0.50 0.70 0.93 1.00 5x7 0.60 0.80 0.93 1.00 6.3x7 0.70 0.85 0.93 1.00 part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/100khz max. esr ( ) +20c/100khz load life hours @+105c nre-sw220m6.3v4x7f 22 6.3 0.24 50 4.2 1,000 nre-sw330m6.3v5x7f 33 0.24 85 2.0 1,000 nre-sw470m6.3v5x7f 47 0.24 85 2.0 1,000 nre-sw101m6.3v6.3x7f 100 0.24 120 1.2 1,000 nre-sw221m6.3v6.3x7f 220 0.24 120 1.2 1,000 nre-sw331m6.3v6.3x7f 330 0.24 120 1.2 1,000 nre-sw220m10v5x7f 22 10 0.21 85 4.2 1,000 nre-sw330m10v5x7f 33 0.21 85 2.0 1,000 nre-sw470m10v6.3x7f 47 0.21 120 1.2 1,000 nre-sw101m10v6.3x7f 100 0.21 120 1.2 1,000 nre-sw221m10v6.3x7f 220 0.21 120 1.2 1,000 nre-sw100m16v4x7f 10 16 0.18 50 4.2 1,000 nre-sw220m16v5x7f 22 0.18 85 2.0 1,000 nre-sw330m16v6.3x7f 33 0.18 120 1.2 1,000 nre-sw470m16v6.3x7f 47 0.18 120 1.2 1,000 nre-sw101m16v6.3x7f 100 0.18 120 1.2 1,000 nre-sw221m16v6.3x7f 220 0.18 120 1.2 1,000 nre-sw4r7m25v4x7f 4.7 25 0.14 50 4.2 1,000 nre-sw100m25v5x7f 10 0.14 85 2.0 1,000 nre-sw220m25v6.3x7f 22 0.14 120 1.2 1,000 nre-sw330m25v6.3x7f 33 0.14 120 1.2 1,000 nre-sw470m25v6.3x7f 47 0.14 120 1.2 1,000 nre-sw101m25v6.3x7f 100 0.14 120 1.5 1,000 nre-sw4r7m35v4x7f 4.7 35 0.12 40 6.0 1,000 nre-sw100m35v5x7f 10 0.12 70 3.1 1,000 nre-sw220m35v6.3x7f 22 0.12 100 1.6 1,000 nre-sw330m35v6.3x7f 33 0.12 100 1.6 1,000 nre-sw470m35v6.3x7f 47 0.12 100 1.6 1,000 nre-sw101m35v6.3x7f 100 0.12 100 1.6 1,000 nre-sw1r0m50v4x7f 1.0 50 0.10 30 10.0 1,000 nre-sw2r2m50v4x7f 2.2 0.10 35 7.8 1,000 nre-sw3r3m50v4x7f 3.3 0.10 40 6.2 1,000 nre-sw4r7m50v5x7f 4.7 0.10 70 3.1 1,000 nre-sw100m50v6.3x7f 10 0.10 100 1.6 1,000 nre-sw220m50v6.3x7f 22 0.10 100 1.6 1,000 nre-sw330m50v6.3x7f 33 0.10 100 1.6 1,000 nre-sw470m50v6.3x7f 47 0.10 100 1.6 1,000 standard values, specifications and case sizes (mm)


▲Up To Search▲   

 
Price & Availability of NRE-SW330M16V63X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X